Part Number Hot Search : 
KP120 STPS130U 16080 M66010GP FCE20 LC4064 T2D10 SMS05T1
Product Description
Full Text Search
 

To Download ACM2002D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ DISPLAYS, INC.
COMPLETE LCD SOLUTIONS
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PART NUMBER: DATE:
ACM 2002D SERIES August 9, 1999
Record of Revisions
7/1/2002 1 8/11 Change Number of Pins from 16 to 14
ACM2002D SERIES LCD MODULE
1.0 MECHANICAL SPECS
1. Overall Module Size 116.0mm(W) x 37.0mm(H) x max 13.5mm(D) for LED backlight version 116.0mm(W) x 37.0mm(H) x max 9.5mm(D) for reflective version 2. Dot Size 3. Dot Pitch 4. Duty 5. Controller IC 6. LC Fluid Options 7. Polarizer Options 8. Backlight Options 9. Temperature Range Options 0.60mm(W) x 0.65mm(H) 0.65mm(W) x 0.70mm(H) 1/16 KS0066 TN, STN Reflective, Transflective, Transmissive LED Standard(0C ~ 50C), Wide(-20C ~ 70C)
2.0 ABSOLUTE MAXIMUM RATINGS
Item Operating temperature (Standard) Storage temperature (Standard) Operating temperature (Wide temperature) Storage temperature (Wide temperature) Input voltage Supply voltage for logic Supply voltage for LCD drive Symbol Top Tst Top Tst Vin Vdd- Vss Vdd- Vo Min 0 -10 -20 -30 Vss 2.7 3.0 4.6 Typ Max 50 60 70 80 Vdd 5.5 6.5 Unit C C C C V V V
AZ DISPLAYS, INC.
09/17/99
3
ACM2002D SERIES LCD MODULE
3.0 ELECTRICAL CHARACTERISTICS
Item Input voltage (high) Input voltage (low) Symbol Vih Vil Condition H level L level 0C Recommended LC Driving Voltage (Standard Temp) Vdd - Vo 25C 50C -20C Recommended LC Driving Voltage (Wide Temp) Vdd -Vo 0C 50C 70C Power Supply Current LED Power Supply Voltage LED Power Supply Current Idd Vfled Ifled Vdd=5.0V, fosc=270kHz R=6.8 R=6.8 Min 2.2 0 4.2 3.9 3.6 Typ 4.8 4.6 4.3 6.4 4.8 4.3 4.1 1.0 4.6 140 Max Vdd 0.6 5.4 7.2 1.8 5.0 300 mA V mA V V Unit V V
4.0 OPTICAL CHARACTERISTICS (Ta=25C, Vdd= 5.0V0.25V, TN LC fluid)
Item Viewing angle (horizontal) Viewing angle (vertical) Contrast Ratio Response time (rise) Response time (fall) Symbol Cr Tr Tf Condition Cr 4.0 Cr 4.0 =0, =0 =0, =0 =0, =0 Min -25 -30 Typ 2 120 120 Max 30 150 150 ms ms Unit deg deg
AZ DISPLAYS, INC.
09/17/99
4
ACM2002D SERIES LCD MODULE
4.1 OPTICAL CHARACTERISTICS (Ta=25"C, Vdd= 5.0V-0.25V, STN LC fluid)
Item Viewing angle (horizontal) Viewing angle (vertical) Contrast Ratio Response time (rise) Response time (fall) Symbol Cr Tr Tf Condition Cr 2.0 Cr 2.0 =0, =0 =0, =0 =0, =0 Min -60 -40 Typ 6 150 150 Max 35 40 250 250 ms ms Unit deg deg
5.0 BLOCK DIAGRAM
1. Vss 2. Vdd 3. Vo 4. RS 5. R/W 6. E 7. DB0 8
U2
SEG1- 40 40 60 SEG 100 SEG41- 100
U1
COM 16 16
SEG 1 COM 1
LCD 20 X 2
COM16
14. DB7
A (+) K (-)
~
LED BACKLIGHT
AZ DISPLAYS, INC.
09/17/99
5
ACM2002D SERIES LCD MODULE
6.0 PIN ASSIGNMENT
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Symbol Vss Vdd Vo RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 Function Ground +5V LCD contrast adjust Register select Read / write Enable Data bit 0 Data bit 1 Data bit 2 Data bit 3 Data bit 4 Data bit 5 Data bit 6 Data bit 7 WIDE TEMP RANGE Vr = 10K ~ 20K Vss Vo Vr -5V +5V Vdd Vss STANDARD TEMP RANGE Vo Vr +5V
7.0 POWER SUPPLY
Vdd
8.0 TIMING CHARACTERISTICS
Item Enable cycle time Enable pulse width Enable rise/fall time RS, R/W set up time RS, R/W hold time Data delay time Data set up time Data hold time Symbol tC tW tR , tF tSU tH tD tDSU tDH Test Condition Fig. a, Fig. b Fig. a, Fig. b Fig. a, Fig. b Fig. a, Fig. b Fig. a, Fig. b Fig. b Fig. a Fig. a, Fig. b Min. 500 220 40 10 60 20 Typ. Max. 25 120 Unit ns ns ns ns ns ns ns ns
AZ DISPLAYS, INC.
09/17/99
6
ACM2002D SERIES LCD MODULE
RS R/W E DB0~DB7
VIH1 VIL1 t SU
VIH1 VIL1 tH
V IL1 tW VIH1 VIL1 tR VIH1 VIL1 tC VIH1 VIL1 tDSU tDH VIH1 VIL1 tF tH
VIL1
VIL1
Valid Data
Fig. a Interface timing (data write)
VIH1 VIL1 tSU VIH1 VIH1 VIL1 tH VIH1
RS R/W
tW
tF VIH1 VIL1
tH
E DB0~DB7
VIH1 VIL1 tR tD VIH1 VIL1
t DSU
VIL1 t DH VIH1 VIL1
Valid Data
tC
Fig. b Interface timing (data read)
AZ DISPLAYS, INC.
09/17/99
7
ACM2002D SERIES LCD MODULE
9.0 MECHANICAL DIAGRAM
Total number of pins changed from 16 to 14
B.S.
07/01/02
AZ DISPLAYS, INC.
09/17/99
8
ACM2002D SERIES LCD MODULE
10.0 RELIABILITY TEST
Evaluations and Assessment* Storage Condition Operation at high temperature and humidity High temperature storage Low temperature storage Content 40C,90% RH,240hrs 60C, 240hrs -20C, 240hrs Current Consumption Twice initial value or less Twice initial value or less Twice initial value or less Oozing none Contrast More than 80% of initial value More than 80% of initial value More than 80% of initial value Other Appearances No abnormality
none
No abnormality No abnormality
*Evaluations and assessment to be made two hours after returning to room temperature (25C5C). *The LCDs subjected to the test must not have dew condensation.
AZ DISPLAYS, INC.
09/17/99
9
ACM2002D SERIES LCD MODULE
11.0 DISPLAY INSTRUCTION TABLE
COMMAND R R/ DB DB DB DB SW7 6 5 4 DB 3 DB 2 DB 1 DB 0 DESCRIPTION Executing time fosc=250khz 1.64ms
Clear Display Cursor at Home
0
00
0
0
0
0
0
0
1
Clears Display & Returns to Address 0.
0
00
0
0
0
0
0
1
x
Returns Cursor to Address 0. Also returns the display being shifted to the original position. DDRAM contents remain unchanged. I/D: Set Cursor Moving Direction I/D=1: Increment I/D=0: Decrement S: Specify Shift of Display S=1: The display is shifted S=0: The display is not shifted
1.64ms
Entry Mode Set
0
00
0
0
0
0
1
I/D
S
40s
0 Display ON/OFF Control 0 0 0 0 0 1 D C B Display D=1: Display on D=0: Display off Cursor C=1: Cursor on C=0: Cursor off Brink B=1: Brink on B=0: Brink off Moves cursor or shifts the display w/o changing DD RAM contents S/C=0: Cursor Shift (RAM unchanged) S/C=1: Display Shift (RAM unchanged) R/L=1: Shift to the Right R/L=0: Shift to the Left Sets data bus length (DL), # of display lines (N), and character fonts (F). DL=1: 8 bits F=0: 5x7 dots DL=0: 4 bits F=1: 5x10 dots N=0: 1 line display N=1: 2 lines display Sets CG RAM address. CG RAM data is sent and received after this instruction. Sets DD RAM address. DD Ram data is sent and received after this instruction. Reads Busy Flag (BF) and address counter contents. Writes data into DDRAM or CGRAM. Reads data from DDRAM or CGRAM. 40s
Cursor / Display Shift
0
00
0
0
1
S/C
R/L
x
x
40s
Function Set
0
00
0
1
DL
N
F
x
x
40s
Set CG RAM Address Set DD RAM Address
0
00
1
Character Generator (CG) RAM Address
40s
0
01
Display Data (DD) RAM Address / Cursor Address
40s
0 Busy Flag / Address Read Write Data Read Data x: Don't Care. 1 1
1B F 0 1
Address counter used for both DD & CG RAM address Write Data Read Data
40s
46s 46s
AZ DISPLAYS, INC.
09/17/99
10
ACM2002D SERIES LCD MODULE
12.0 STANDARD CHARACTER PATTERNS
Note: The character generator RAM is the RAM with which the user can rewrite character patterns by program.
AZ DISPLAYS, INC.
09/17/99
11


▲Up To Search▲   

 
Price & Availability of ACM2002D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X